PART |
Description |
Maker |
NTB45N06 NTB45N06T4 NTP45N06 NTP45N06_D NTP45N06D |
Power MOSFET 45 Amps, 60 Volts N?Channel TO?20 and D2PAK Power MOSFET 45 Amps / 60 Volts Power MOSFET 45 Amps, 60 Volts N-Channel TO-220 and D2PAK Power MOSFET 45 Amps, 60 Volts 功率MOSFET四十五安培,60伏特
|
ONSEMI[ON Semiconductor]
|
NTD32N06-1 NTD32N06-1G NTD32N06T4G NTD32N06 NTD32N |
Power MOSFET 32 Amps, 60 Volts 32 Amps, 60 Volts, N−Channel DPAK
|
ONSEMI[ON Semiconductor]
|
NTF3055-160T1 NTF3055-160T3 NTF3055-160T3LF NTF305 |
TRANSISTOR|MOSFET|N-CHANNEL|60VV(BR)DSS|2AI(D)|SOT-223
From old datasheet system Power MOSFET 2.0 Amps, 60 Volts N?Channel SOT23(2A,60V逻辑电平,N通道,SOT-223封装的功率MOSFET) Power MOSFET 2.0 Amps, 60 Volts N-Channel SOT-223 2 A, 60 V, 0.16 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261
|
ONSEMI[ON Semiconductor]
|
MTW32N20E MTW32N20E-D |
Power MOSFET 32 Amps, 200 Volts N-Channel TO-247 Power MOSFET 32 Amps, 200 Volts(32A,200V的功率MOSFET)
|
ON Semiconductor
|
NTP75N03-06-D NTP75N03-06/D |
Power MOSFET 75 Amps30 Volts Power MOSFET 75 Amps, 30 Volts N-Channel TO-220 and D2PAK
|
ON Semiconductor
|
MTD3055VL1 MTD3055VLT4 MTD3055VL MTD3055VL-D |
Power MOSFET 12 Amps, 60 Volts 12 A, 60 V, 0.18 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 12 Amps, 60 Volts N-Channel DPAK
|
ONSEMI[ON Semiconductor]
|
NTD32N06L NTD32N06LT4 NTD32N06L-1 NTD32N06LT4G NTD |
Power MOSFET 32 Amps, 60 Volts, Logic Level(N−Channel DPAK) Power MOSFET 32 Amps, 60 Volts, Logic Level(N-Channel DPAK) Power MOSFET 32 Amps / 60 Volts / Logic Level(N-Channel DPAK) Power MOSFET 32 Amps, 60 Volts, Logic Level N-Channel DPAK
|
ONSEMI[ON Semiconductor]
|
NTB45N06L NTP45N06LG |
Power MOSFET 45 Amps, 60 Volts, Logic Level; Package: D2PAK 3 LEAD; No of Pins: 3; Container: Rail; Qty per Container: 50 45 A, 60 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 45 Amps, 60 Volts, Logic Level, N-Channel TO-220; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 45 A, 60 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB Power MOSFET 45 Amps, 60 Volts Logic Level, N?Channel TO?20 and D2PAK
|
ON Semiconductor
|
NTP27N06L-D NTB27N06L NTP27N06L |
Power MOSFET 27Amps, 60 Volts,Logic Level N-Channel TO-220(27A, 60 V,逻辑电平,N通道,TO-220封装的功率MOSFET) 27 A, 60 V, 0.048 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB Power MOSFET 27 Amps, 60 Volts, Logic Level N-Channel TO-220 and D2PAK
|
ITT, Corp. ON Semiconductor
|
NTD18N06-1G NTD18N06L-001 NTD18N06G |
Power MOSFET 18 Amps, 60 Volts 18 A, 60 V, 0.06 ohm, N-CHANNEL, Si, POWER, MOSFET LEAD FREE, CASE 369D-01, DPAK-3
|
ON Semiconductor
|
|